Part Number Hot Search : 
10451 MTZJ12B 1A220 ISL28486 APT60D APT60D B4109 0805C
Product Description
Full Text Search
 

To Download SER1412-102ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 609-1
SMT Power Inductors - SER1400 Series
* * * * * Designed for high current power supply applications Flat wire windings provide exceptionally low DCR Specially formed terminations provide small footprint Isat ratings as high as 85 A Other inductance, DCR, height combinations are possible
Designer's Kit C427 contains 3 each of all values Core material Ferrite Terminations RoHS compliant tin-silver over copper. Other terminations available at additional cost. Ambient temperature -40C to +125C with Irms current, +125C to +165C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 PCB washing Only pure water or alcohol recommended
High Isat for high Isat applications
Part number1 SER1412-301ME_ SER1412-501ME_ SER1412-681ME_ SER1412-102ME_ SER1412-152ME_ SER1412-202ME_ SER1412-362ME_ Inductance2 20% (H) 0.30 0.50 0.68 1.0 1.5 2.0 3.6 DCR typ3 (mOhms) 1.30 1.30 1.30 1.30 1.30 1.30 1.30 SRF DCR max3 typ4 (mOhms) (MHz) 1.43 154 1.43 122 1.43 100 1.43 78 1.43 62 1.43 50 1.43 35 10% drop 85.0 52.0 40.0 29.0 22.0 17.0 11.0 Isat (A)5 20% drop 85.0 54.5 41.0 31.5 24.0 19.0 12.1 30% drop 85.0 55.5 42.3 32.5 25.0 20.0 12.1 Irms (A)6 20C 40C rise rise 30 37 30 37 30 37 30 37 30 37 30 37 30 37 Height max (inches / mm) 0.498 / 12,66 0.498 / 12,66 0.498 / 12,66 0.498 / 12,66 0.498 / 12,66 0.498 / 12,66 0.498 / 12,66
Low DCR for high Irms applications
Part number1 SER1408-301ME_ SER1408-501ME_ SER1408-681ME_ SER1408-102ME_ SER1410-152ME_ SER1410-202ME_ Inductance2 20% (H) 0.30 0.50 0.68 1.0 1.5 2.0 DCR typ3 (mOhms) 0.48 0.48 0.48 0.48 0.90 0.90 DCR max3 (mOhms) 0.55 0.55 0.55 0.55 0.99 0.99 SRF typ4 (MHz) 140 83 63 48 53 45 10% drop 38.0 25.5 20.0 11.2 17.0 12.0 Isat (A)5 20% drop 39.5 29.5 22.2 14.0 19.0 15.0 30% drop 40.5 30.5 22.8 15.5 20.5 16.0 Irms (A)6 20C 40C rise rise 38 42 38 42 38 42 38 42 33 39 33 39 Height max (inches / mm) 0.325 / 8,26 0.325 / 8,26 0.325 / 8,26 0.325 / 8,26 0.416 / 10,56 0.416 / 10,56
1. When ordering, please specify termination and packaging codes: SER1410-202MED Termination: E = RoHS compliant tin-silver over copper. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape. B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4263B LCR meter or equivalent. 3. DCR measured on a Keithley 580 micro-ohmmeter or equivalent. 4. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 5. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 609-1
Revised 01/22/10
(c) Coilcraft, Inc. 2010
Document 609-2
SMT Power Inductors - SER1400 Series
Part number 0.348 8,83
Irms Derating
120
0.355 9,02
SER14XX-XXX CCI XXXX
0.271 0.01 6,88 0,256
Percent of rated Irms
C L 0.221 5,60 0.130 3,30
110 100 90 80 70 60 50 40 30 20
25C
Internal code
Recommended Land Pattern
0.60 max 15,24 0.473 max 12,00
Height (see table)
10 0 -40 -20 0 20 40 60 80 100 120 140 160 180
0.004/0,102
Ambient temperature (C)
0.397 max 10,09
0.218 min 5,53
0.100 2,54
Dimensions are in
inches mm Weight 3.5 - 3.8 g 4.8 - 5.2 g 6.1 - 6.7 g
Series SER1408 SER1410 SER1412
Height max (inches/ mm) 0.325 / 8,26 0.416 / 10,56 0.498 / 12,66
Packaging SER1408 350/13 reel Plastic tape: 32 mm wide, 0.5 mm thick, 20 mm pocket spacing, 8.6 mm pocket depth SER1410 300/13 reel Plastic tape: 32 mm wide, 0.5 mm thick, 20 mm pocket spacing, 10.8 mm pocket depth SER1412 250/13 reel Plastic tape: 32 mm wide, 0.5 mm thick, 20 mm pocket spacing, 12.8 mm pocket depth
Specifications subject to change without notice. Please check our website for latest information.
Document 609-2
Revised 01/22/10
(c) Coilcraft, Inc. 2010
Document 609-3
SMT Power Inductors - SER1400 Series
L vs Frequency (High Isat Versions)
10 3.6 H 3.6 H 2.0 H 1.5 H 1.2 H 1.0 H 0.68 H
L vs Current (High Isat Versions)
10
Inductance (H)
Inductance (H)
2.0 H 1 1.5 H 1.2 H 1.0 H 0.68 H 0.50 H 0.30 H
1
0.50 H 0.30 H
0.1 0.1 1 10 100
0.1 0.1 1 10 100
Frequency (MHz)
Current (A)
L vs Frequency (Low DCR Versions)
10
L vs Current (Low DCR Versions)
10
Inductance (H)
Inductance (H)
2.0 H 1.5 H 1 1.0 H 0.68 H 0.50 H 0.30 H
2.0 H 1.5 H 1 1.0 H 0.68 H 0.50 H 0.30 H
0.1 0.1 1 10 100
0.1 0.1 1 10 100
Frequency (MHz)
Current (A)
Specifications subject to change without notice. Please check our website for latest information.
Document 609-3
Revised 01/22/10
(c) Coilcraft, Inc. 2010


▲Up To Search▲   

 
Price & Availability of SER1412-102ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X